PART |
Description |
Maker |
NZQA6V8AXV5T1 NZQA6V8AXV5T1G NZQA6V8AXV5T3 NZQA6V8 |
Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
|
ON Semiconductor http://
|
NSQA12VAW5T2 NSQA12VAW5T2G NSQA6V8AW5T2 NSQA6V8AW5 |
Transient Voltage Suppressor ESD Protection Diode with Low Clamping Voltage
|
ON Semiconductor
|
HDP01-0512NRL HDLA-2416 HDLG-2416 HDLU-2416 HDLO-2 |
Voltage Regulator IC; Package/Case:3-TO-220; Current Rating:1A; Output Voltage Max:5V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole Linear Voltage Regulator IC; Supply Voltage Max:35V; Package/Case:3-TO-220; Output Voltage:5V; Current Rating:1A; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole RoHS Compliant: Yes Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:35V; Output Current:1A; Output Voltage:18V; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole HARD DISK DRIVE POWER SUPPLY PROTECTION Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
|
ST Microelectronics Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) http://
|
23203 23200 23204 23619 23618 23617 23212 23210 23 |
Dual Audio Taper Potentiometer with Pushbutton Control VALVE TAGS NUMB'D 1-25 Inhalt pro Packung: 25 Stk. VALVE TAGS NUM'D 101-125 Inhalt pro Packung: 25 Stk. VALVE TAGS NUM'D 301-325 Inhalt pro Packung: 25 Stk. VALVE TAGS NUMB'D 276-300 Inhalt pro Packung: 25 Stk. VALVE TAGS NUM'D 251-275 Inhalt pro Packung: 25 Stk. BRASS VALVE TAGSBLANK SQ. Inhalt pro Packung: 25 Stk. BRASS VALVE TAGSBLANK ROU Inhalt pro Packung: 25 Stk. VALVE TAGS NUM'D 451-475 Inhalt pro Packung: 25 Stk. VALVE TAGS NUMB'D 26-50 Inhalt pro Packung: 25 Stk. VALVE TAGS NUMB'D 51-75 Inhalt pro Packung: 25 Stk. VALVE TAGS NUM'D 151-175 Inhalt pro Packung: 25 Stk. VALVE TAGS NUM'D 176-200 Inhalt pro Packung: 25 Stk. VALVE TAGS NUM'D 226-250 Inhalt pro Packung: 25 Stk. VALVE TAGS NUM'D 126-150 Inhalt pro Packung: 25 Stk. VALVE TAGS NUM'D 201-225 Inhalt pro Packung: 25 Stk. VALVE TAGS NUM'D 351-375 Inhalt pro Packung: 25 Stk. 阀门标签NUM\u0026#39;D 351-375 Inhalt亲Packung5沙头角
|
TE Connectivity, Ltd.
|
FBA09A12H FBA09A12L FBA09A12M FBK12T24MZB FBA04A05 |
Locked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection
|
PANASONIC[Panasonic Semiconductor]
|
P6KE200C P6KE9.1 P6KE9.1C P6KE47C P6KE51C P6KE30 P |
600W TRANSIENT VOLTAGE SUPPRESSORS Reverse stand-off voltage: 128.00V, 600W transient voltage suppressor Reverse stand-off voltage: 138.00V, 600W transient voltage suppressor Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 600W TRANSIENT VOLTAGE SUPPRESSORS 600W瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Reverse stand-off voltage: 171.00V, 600W transient voltage suppressor
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] Panjit International Inc Microsemi
|
BR400 BR400-12S-P |
Over Current Protection (Hiccup Mode) Input under Voltage Protection
|
Arch Electronics Corp.
|
452004075081FA 452204037081FA 452206050081FA 45220 |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits SCHRAUBE PLASTITE SENK 2.5X9.5 Inhalt pro Packung: 100 Stk. SCHRAUBE PLASTITE SENK 3.1X13 Inhalt pro Packung: 100 Stk. SCHRAUBE PLASTITE SENK 3.7X19 Inhalt pro Packung: 100 Stk. SCHRAUBE PLASTITE LINSE 2.5X9.5 Inhalt pro Packung: 100 Stk. SCHRAUBE PLASTITE林瑟2.5X9.5 Inhalt亲Packung00沙头角 SCHRAUBE PLASTITE LINSE 3.1X16 Inhalt pro Packung: 100 Stk. SCHRAUBE PLASTITE林瑟3.1X16 Inhalt亲Packung00沙头角 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits SCHRAUBE PLASTITE林瑟2.5X13 Inhalt亲Packung00沙头角
|
TE Connectivity, Ltd. PHOENIX CONTACT Deutschland GmbH Microsemi, Corp.
|
256573 265543 256568 262954 256572 256574 256564 2 |
TAGOUT DANG.LO THIS MACH Inhalt pro Packung: 10 Stk. 2.5GHz, 22dBm/20dBm Power Amplifiers with Analog Closed-Loop Power Control TAGOUT LOCKED OUT Inhalt pro Packung: 10 Stk. TAGOUT DANGER LO OP.Y/BK Inhalt pro Packung: 10 Stk. TAGOUT DANG..EQUIP. Y/BK Inhalt pro Packung: 10 Stk. TAGOUT DO NOT(OP/REMOVE) Inhalt pro Packung: 10 Stk. TAGOUT (YOUR TEXT)YELL ((NS)) Inhalt pro Packung: 10 Stk. TAGOUT (YOUR TEXT)YELL Inhalt pro Packung: 10 Stk. TAGOUT (YOUR TEXT)RED Inhalt pro Packung: 10 Stk. TAGOUT DONOT SW.ON UNDER Inhalt pro Packung: 10 Stk. TAGOUT DONOT SW.ON根据Inhalt亲Packung0沙头角 TAGOUT DO NOT USE Inhalt pro Packung: 10 Stk. TAGOUT不要使用Inhalt亲Packung0沙头角
|
ITT, Corp. Vishay Intertechnology, Inc.
|
WT7510 WT7510-N080WT-12 WT7510-S080WT-12 |
The Over Voltage Detector (OVD) monitors 3.3V, 5V, 12V input voltage level protection circuits/ power good output (PGO)/ fault protection latch (FPL_N) CONTROL protection circuits power good output (PGO) fault protection latch (FPL_N) CONTROL protection circuits, power good output (PGO), fault protection latch (FPL_N) CONTROL
|
List of Unclassifed Man... ETC[ETC] List of Unclassifed Manufacturers Unknow
|
BUL804 |
Regulated Output Power; 1.6kVDC Isolation; Over Current and Over Voltage Protection; Six-Sided Shield; No Derating to 63C; Standard 2 x 1 Package HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|